|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF) 0432498010 Active modular_plugs_jacks Modular Jack, Right Angle, Low Profile, 8/6, Panel Stops Product Specification PSX-43249 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E107635 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Component Type Magnetic Overview Performance Category Power over Ethernet (PoE) Product Name Modular Jacks/Plugs 43249 PCB Jack No modular_plugs_jacks 3, 4 N/A RJ45 Physical Boot Color Color - Resin Durability (mating cycles max) Flammability Inverted / Top Latch Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Positions / Loaded Contacts Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire/Cable Type N/A Black 500 94V-0 No None Phosphor Bronze Gold Tin High Temperature Thermoplastic Right Angle (Side Entry) Yes Yes 0.062 In 1.57 mm Tray 0.040 In 1.02 mm 0.050 In 1.27 mm 50 1.25 100 2.5 1 8/6 Yes -40C to +85C Through Hole No N/A Search Parts in this Series 43249Series Mates With FCC 68 Plugs Electrical Current - Maximum per Contact Shielded Voltage - Maximum 1.5A No 150V AC (RMS) Solder Process Data Lead-free Process Capability Wave Capable (TH only) Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-43249-004 PSX-43249 SDA-43249 This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0432498010 |